Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 76 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 72Page - Renesas Technology Corp H8S/20103 Datasheet HTML 73Page - Renesas Technology Corp H8S/20103 Datasheet HTML 74Page - Renesas Technology Corp H8S/20103 Datasheet HTML 75Page - Renesas Technology Corp H8S/20103 Datasheet HTML 76Page - Renesas Technology Corp H8S/20103 Datasheet HTML 77Page - Renesas Technology Corp H8S/20103 Datasheet HTML 78Page - Renesas Technology Corp H8S/20103 Datasheet HTML 79Page - Renesas Technology Corp H8S/20103 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 50 of 962
REJ09B0465-0100
Table 2.9
System Control Instructions
Instruction
Size*
Function
TRAPA
Starts trap-instruction exception handling.
RTE
Returns from an exception-handling routine.
SLEEP
Causes a transition to a power-down state.
LDC
B/W
(EAs)
→ CCR, (EAs) → EXR
Moves the memory operand contents or immediate data to CCR or
EXR. Although CCR and EXR are 8-bit registers, word-size transfers
are performed between them and memory. The upper 8 bits are valid.
STC
B/W
CCR
→ (EAd), EXR → (EAd)
Transfers CCR or EXR contents to a general register or memory
operand. Although CCR and EXR are 8-bit registers, word-size
transfers are performed between them and memory. The upper 8 bits
are valid.
ANDC
B
CCR
∧ #IMM → CCR, EXR ∧ #IMM → EXR
Logically ANDs the CCR or EXR contents with immediate data.
ORC
B
CCR
∨ #IMM → CCR, EXR ∨ #IMM → EXR
Logically ORs the CCR or EXR contents with immediate data.
XORC
B
CCR
⊕ #IMM → CCR, EXR ⊕ #IMM → EXR
Logically exclusive-ORs the CCR or EXR contents with immediate
data.
NOP
PC + 2
→ PC
Only increments the program counter.
Note:
*
Size refers to the operand size.
B:
Byte
W:
Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com