Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 87 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 83Page - Renesas Technology Corp H8S/20103 Datasheet HTML 84Page - Renesas Technology Corp H8S/20103 Datasheet HTML 85Page - Renesas Technology Corp H8S/20103 Datasheet HTML 86Page - Renesas Technology Corp H8S/20103 Datasheet HTML 87Page - Renesas Technology Corp H8S/20103 Datasheet HTML 88Page - Renesas Technology Corp H8S/20103 Datasheet HTML 89Page - Renesas Technology Corp H8S/20103 Datasheet HTML 90Page - Renesas Technology Corp H8S/20103 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 61 of 962
REJ09B0465-0100
2.9
Usage Notes
2.9.1
TAS Instruction
Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction. The H8S
and H8/300 Series C/C++ Compiler of Renesas Technology Corp. does not generate a TAS
instruction. Accordingly, when a TAS instruction is used as a user-defined embedded function,
register ER0, ER1, ER4, or ER5 should be used.
2.9.2
STM and LDM Instructions
The ER7 register is used as a stack pointer in an STM and LDM instructions. Accordingly, ER7
cannot be stored by STM or loaded by LDM. Two, three, or four registers can be stored or loaded
by a single STM or LDM instruction. The combination of registers that can be stored or loaded are
as follows.
• Two registers: ER0 and ER1, ER2 and ER3, or ER4 and ER5
• Three registers: ER0 to ER2 or ER4 to ER6
• Four registers: ER0 to ER3
The H8S and H8/300 Series C/C++ Compiler of Renesas Technology Corp. does not generate an
STM or LDM instruction that uses ER7.
2.9.3
Note on Bit Manipulation Instructions
Bit manipulation instructions such as BSET, BCLR, BNOT, BST, and BIST read data in byte
units, perform bit manipulation, and write data in byte units. Thus, care must be taken when these
bit manipulation instructions are executed for a register or port including write-only bits.
In addition, the BCLR instruction can be used to clear the flag of an internal I/O register. In this
case, if the flag to be cleared has been set by an interrupt processing routine, the flag need not be
read before executing the BCLR instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com