| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20103 Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20103 Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 992 page ![]() Rev. 1.00 Oct. 03, 2008 Page xv of xxvi 10.9 Port B ................................................................................................................................ 322 10.9.1 Port Control Register B (PCRB)....................................................................... 323 10.9.2 Port Data Register B (PDRB) ........................................................................... 324 10.9.3 Port Pull-Up Control Register B (PUCRB) ...................................................... 325 10.9.4 Notes on Using Port B ...................................................................................... 325 10.10 Port J ................................................................................................................................. 326 10.10.1 Port Mode Register J (PMRJ) ........................................................................... 327 10.10.2 Port Control Register J (PCRJ) ......................................................................... 328 10.10.3 Port Data Register J (PDRJ) ............................................................................. 329 10.10.4 Port Pull-Up Control Register J (PUCRJ)......................................................... 330 Section 11 Data Transfer Controller (DTC) ......................................................331 11.1 Features............................................................................................................................. 331 11.2 Register Descriptions ........................................................................................................ 333 11.2.1 DTC Mode Register A (MRA) ......................................................................... 334 11.2.2 DTC Mode Register B (MRB).......................................................................... 336 11.2.3 DTC Source Address Register (SAR)............................................................... 337 11.2.4 DTC Destination Address Register (DAR)....................................................... 337 11.2.5 DTC Transfer Count Register A (CRA) ........................................................... 338 11.2.6 DTC Transfer Count Register B (CRB)............................................................ 338 11.2.7 DTC Enable Registers A to H (DTCERA to DTCERH) .................................. 339 11.2.8 DTC Vector Register (DTVECR)..................................................................... 341 11.3 Activation Sources............................................................................................................ 342 11.4 Location of Register Information and DTC Vector Table ................................................ 344 11.5 Operation .......................................................................................................................... 349 11.5.1 Normal Mode.................................................................................................... 351 11.5.2 Repeat Mode ..................................................................................................... 352 11.5.3 Block Transfer Mode ........................................................................................ 353 11.5.4 Chain Transfer .................................................................................................. 354 11.5.5 Interrupt Sources............................................................................................... 355 11.5.6 Operation Timing.............................................................................................. 356 11.5.7 Number of DTC Execution States .................................................................... 357 11.6 Procedures for Using DTC................................................................................................ 359 11.6.1 Activation by Interrupt...................................................................................... 359 11.6.2 Activation by Software ..................................................................................... 359 11.7 Examples of Use of the DTC ............................................................................................ 360 11.7.1 Normal Mode.................................................................................................... 360 11.7.2 Chain Transfer when Transfer Counter = 0 ...................................................... 361 11.7.3 Software Activation .......................................................................................... 363 11.8 Usage Notes ...................................................................................................................... 364 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |