Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 79 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 75Page - Renesas Technology Corp H8S/20103 Datasheet HTML 76Page - Renesas Technology Corp H8S/20103 Datasheet HTML 77Page - Renesas Technology Corp H8S/20103 Datasheet HTML 78Page - Renesas Technology Corp H8S/20103 Datasheet HTML 79Page - Renesas Technology Corp H8S/20103 Datasheet HTML 80Page - Renesas Technology Corp H8S/20103 Datasheet HTML 81Page - Renesas Technology Corp H8S/20103 Datasheet HTML 82Page - Renesas Technology Corp H8S/20103 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 53 of 962
REJ09B0465-0100
2.7
Addressing Modes and Effective Address Calculation
The H8S/2000 CPU supports the eight addressing modes listed in table 2.11. Each instruction uses
a subset of these addressing modes.
Arithmetic and logic operations instructions can use the register direct and immediate addressing
modes. Data transfer instructions can use all addressing modes except program-counter relative
and memory indirect. Bit manipulation instructions can use register direct, register indirect, or
absolute addressing mode to specify an operand, and register direct (BSET, BCLR, BNOT, and
BTST instructions) or immediate (3-bit) addressing mode to specify a bit number in the operand.
Table 2.11
Addressing Modes
No.
Addressing Mode
Symbol
1
Register direct
Rn
2
Register indirect
@ERn
3
Register indirect with displacement
@(d:16,ERn)/@(d:32,ERn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@ERn+
@–ERn
5
Absolute address
@aa:8/@aa:16/@aa:24/@aa:32
6
Immediate
#xx:8/#xx:16/#xx:32
7
Program-counter relative
@(d:8,PC)/@(d:16,PC)
8
Memory indirect
@@aa:8
2.7.1
Register Direct—Rn
The register field of the instruction code specifies an 8-, 16-, or 32-bit general register which
contains the operand. R0H to R7H and R0L to R7L can be specified as 8-bit registers. R0 to R7
and E0 to E7 can be specified as 16-bit registers. ER0 to ER7 can be specified as 32-bit registers.
2.7.2
Register Indirect—@ERn
The register field of the instruction code specifies an address register (ERn) which contains the
address of a memory operand. If the address is a program instruction address, the lower 24 bits are
valid and the upper 8 bits are all assumed to be 0 (H'00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com