Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 47 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 43Page - Renesas Technology Corp H8S/20103 Datasheet HTML 44Page - Renesas Technology Corp H8S/20103 Datasheet HTML 45Page - Renesas Technology Corp H8S/20103 Datasheet HTML 46Page - Renesas Technology Corp H8S/20103 Datasheet HTML 47Page - Renesas Technology Corp H8S/20103 Datasheet HTML 48Page - Renesas Technology Corp H8S/20103 Datasheet HTML 49Page - Renesas Technology Corp H8S/20103 Datasheet HTML 50Page - Renesas Technology Corp H8S/20103 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 21 of 962
REJ09B0465-0100
Section 2 CPU
The H8S/2000 CPU is a high-speed central processing unit with an internal 32-bit architecture that
is upward-compatible with the H8/300 and H8/300H CPUs. The H8S/2000 CPU has sixteen 16-bit
general registers, can address a 16-Mbyte linear address space, and is ideal for realtime control.
This section describes the H8S/2000 CPU.
2.1
Features
• Upward-compatibility with H8/300 and H8/300H CPUs
Can execute H8/300 and H8/300H CPU object programs
• General-register architecture
Sixteen 16-bit general registers also usable as sixteen 8-bit registers or eight 32-bit registers
• Sixty-five basic instructions
 8/16/32-bit arithmetic and logic instructions
 Multiply and divide instructions
 Powerful bit-manipulation instructions
• Eight addressing modes
 Register direct [Rn]
 Register indirect [@ERn]
 Register indirect with displacement [@(d:16,ERn) or @(d:32,ERn)]
 Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn]
 Absolute address [@aa:8, @aa:16, @aa:24, or @aa:32]
 Immediate [#xx:8, #xx:16, or #xx:32]
 Program-counter relative [@(d:8,PC) or @(d:16,PC)]
 Memory indirect [@@aa:8]
• 16-Mbyte address space
 Program: 16 Mbytes
 Data: 16 Mbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com