Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 66 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 62Page - Renesas Technology Corp H8S/20103 Datasheet HTML 63Page - Renesas Technology Corp H8S/20103 Datasheet HTML 64Page - Renesas Technology Corp H8S/20103 Datasheet HTML 65Page - Renesas Technology Corp H8S/20103 Datasheet HTML 66Page - Renesas Technology Corp H8S/20103 Datasheet HTML 67Page - Renesas Technology Corp H8S/20103 Datasheet HTML 68Page - Renesas Technology Corp H8S/20103 Datasheet HTML 69Page - Renesas Technology Corp H8S/20103 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 40 of 962
REJ09B0465-0100
2.6
Instruction Set
The H8S/2000 CPU has 65 types of instructions. The instructions are classified by function as
shown in table 2.1.
Table 2.1
Instruction Classification
Function
Instructions
Size
Types
Data transfer
MOV
B/W/L
5
POP*
1, PUSH*1
W/L
LDM*
5, STM*5
L
MOVFPE*
3, MOVTPE*3
B
ADD, SUB, CMP, NEG
B/W/L
19
Arithmetic
operations
ADDX, SUBX, DAA, DAS
B
INC, DEC
B/W/L
ADDS, SUBS
L
MULXU, DIVXU, MULXS, DIVXS
B/W
EXTU, EXTS
W/L
TAS*
4
B
Logic operations
AND, OR, XOR, NOT
B/W/L
4
Shift
SHAL, SHAR, SHLL, SHLR, ROTL, ROTR, ROTXL,
ROTXR
B/W/L
8
Bit manipulation
BSET, BCLR, BNOT, BTST, BLD, BILD, BST, BIST,
BAND, BIAND, BOR, BIOR, BXOR, BIXOR
B
14
Branch
B
CC
*2, JMP, BSR, JSR, RTS
5
System control
TRAPA, RTE, SLEEP, LDC, STC, ANDC, ORC, XORC,
NOP
9
Block data transfer
EEPMOV
1
Total: 65
Notes: B: Byte size; W: Word size; L: Longword size.
1. POP.W Rn and PUSH.W Rn are identical to MOV.W @SP+, Rn and MOV.W Rn,
@-SP. POP.L ERn and PUSH.L ERn are identical to MOV.L @SP+, ERn and MOV.L
ERn, @-SP.
2. B
CC is the general name for conditional branch instructions.
3. Cannot be used in this LSI.
4. Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction.
5. The ER7 register is used as a stack pointer in an STM and LDM instructions.
Accordingly, ER7 cannot be stored by STM or loaded by LDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com