Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 69 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 65Page - Renesas Technology Corp H8S/20103 Datasheet HTML 66Page - Renesas Technology Corp H8S/20103 Datasheet HTML 67Page - Renesas Technology Corp H8S/20103 Datasheet HTML 68Page - Renesas Technology Corp H8S/20103 Datasheet HTML 69Page - Renesas Technology Corp H8S/20103 Datasheet HTML 70Page - Renesas Technology Corp H8S/20103 Datasheet HTML 71Page - Renesas Technology Corp H8S/20103 Datasheet HTML 72Page - Renesas Technology Corp H8S/20103 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 43 of 962
REJ09B0465-0100
Table 2.4
Arithmetic Operations Instructions (1)
Instruction
Size*
Function
ADD
SUB
B/W/L
Rd ± Rs
→ Rd, Rd ± #IMM → Rd
Performs addition or subtraction on data in two general registers, or on
immediate data and data in a general register. (Subtraction on
immediate data and data in a general register cannot be performed in
bytes. Use the SUBX or ADD instruction.)
ADDX
SUBX
B
Rd ± Rs ± C
→ Rd, Rd ± #IMM ± C → Rd
Performs addition or subtraction with carry on data in two general
registers, or on immediate data and data in a general register.
INC
DEC
B/W/L
Rd ± 1
→ Rd, Rd ± 2 → Rd
Adds or subtracts the value 1 or 2 to or from data in a general register.
(Only the value 1 can be added to or subtracted from byte operands.)
ADDS
SUBS
L
Rd ± 1
→ Rd, Rd ± 2 → Rd, Rd ± 4 → Rd
Adds or subtracts the value 1, 2, or 4 to or from data in a 32-bit
register.
DAA
DAS
B
Rd (decimal adjust)
→ Rd
Decimal-adjusts an addition or subtraction result in a general register
by referring to CCR to produce 4-bit BCD data.
MULXU
B/W
Rd
× Rs → Rd
Performs unsigned multiplication on data in two general registers:
either 8 bits
× 8 bits → 16 bits or 16 bits × 16 bits → 32 bits.
MULXS
B/W
Rd
× Rs → Rd
Performs signed multiplication on data in two general registers: either 8
bits
× 8 bits → 16 bits or 16 bits × 16 bits → 32 bits.
DIVXU
B/W
Rd
÷ Rs → Rd
Performs unsigned division on data in two general registers: either 16
bits
÷ 8 bits → 8-bit quotient and 8-bit remainder or 32 bits ÷ 16 bits →
16-bit quotient and 16-bit remainder.
Note:
*
Size refers to the operand size.
B:
Byte
W:
Word
L:
Longword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com