Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 31 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 27Page - Renesas Technology Corp H8S/20103 Datasheet HTML 28Page - Renesas Technology Corp H8S/20103 Datasheet HTML 29Page - Renesas Technology Corp H8S/20103 Datasheet HTML 30Page - Renesas Technology Corp H8S/20103 Datasheet HTML 31Page - Renesas Technology Corp H8S/20103 Datasheet HTML 32Page - Renesas Technology Corp H8S/20103 Datasheet HTML 33Page - Renesas Technology Corp H8S/20103 Datasheet HTML 34Page - Renesas Technology Corp H8S/20103 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 5 of 962
REJ09B0465-0100
Classification
Module/
Function
Description
Packages
• 64-pin QFP package (PLQP0064KB-A)
 Former code: 64P6Q-A
 Body size: 10 × 10 mm
 Pin pitch: 0.50 mm
• 64-pin QFP package (PLQP0064GA-A)
 Former code: 64P6U-A
 Body size: 14 × 14 mm
 Pin pitch: 0.80 mm
• 80-pin QFP package (PLQP0080JA-A)
 Former code: FP-80W
 Body size: 14 × 14 mm
 Pin pitch: 0.65 mm
• 80-pin QFP package (PLQP0080KB-A)
 Former code: 80P6Q-A
 Body size: 12 × 12 mm
 Pin pitch: 0.50 mm
Operating frequency/
Power supply voltage
• Operating frequency: 4 to 20 MHz
• Power supply voltage: Vcc = 2.7 to 5.5 V, Avcc = 2.7 to 5.5 V
Operating ambient
temperature (
°C)
• −20 to +85°C (version N)
• −40 to +85°C (version D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com