Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 77 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 73Page - Renesas Technology Corp H8S/20103 Datasheet HTML 74Page - Renesas Technology Corp H8S/20103 Datasheet HTML 75Page - Renesas Technology Corp H8S/20103 Datasheet HTML 76Page - Renesas Technology Corp H8S/20103 Datasheet HTML 77Page - Renesas Technology Corp H8S/20103 Datasheet HTML 78Page - Renesas Technology Corp H8S/20103 Datasheet HTML 79Page - Renesas Technology Corp H8S/20103 Datasheet HTML 80Page - Renesas Technology Corp H8S/20103 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 51 of 962
REJ09B0465-0100
Table 2.10
Block Data Transfer Instructions
Instruction
Size
Function
EEPMOV.B
if R4L
≠ 0 then
Repeat @ER5+
→ @ER6+
R4L–1
→ R4L
Until R4L = 0
else next:
EEPMOV.W
if R4
≠ 0 then
Repeat @ER5+
→ @ER6+
R4–1
→ R4
Until R4 = 0
else next:
Transfers a data block. Starting from the address set in ER5, transfers
data for the number of bytes set in R4L or R4 to the address location
set in ER6.
Execution of the next instruction begins as soon as the transfer is
completed.
2.6.2
Basic Instruction Formats
The H8S/2000 CPU instructions consist of 2-byte (1-word) units. An instruction consists of an
operation field (op), a register field (r), an effective address extension (EA), and a condition field
(cc).
Figure 2.9 shows examples of instruction formats.
• Operation field
Indicates the function of the instruction, the addressing mode, and the operation to be carried
out on the operand. The operation field always includes the first four bits of the instruction.
Some instructions have two operation fields.
• Register field
Specifies a general register. Address registers are specified by 3 bits, and data registers by 3
bits or 4 bits. Some instructions have two register fields, and some have no register field.
• Effective address extension
8, 16, or 32 bits specifying immediate data, an absolute address, or a displacement.
• Condition field
Specifies the branching condition of Bcc instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com