Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 355 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 351Page - Renesas Technology Corp H8S/20103 Datasheet HTML 352Page - Renesas Technology Corp H8S/20103 Datasheet HTML 353Page - Renesas Technology Corp H8S/20103 Datasheet HTML 354Page - Renesas Technology Corp H8S/20103 Datasheet HTML 355Page - Renesas Technology Corp H8S/20103 Datasheet HTML 356Page - Renesas Technology Corp H8S/20103 Datasheet HTML 357Page - Renesas Technology Corp H8S/20103 Datasheet HTML 358Page - Renesas Technology Corp H8S/20103 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 329 of 962
REJ09B0465-0100
10.10.3
Port Data Register J (PDRJ)
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
PDRJ1
0
b0
PDRJ0
0
H'FFFFEC
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7 to 2
Reserved
These bits are read as 0. The write value should be 0.
1
PDRJ1
Port J1 data
R/W
0
PDRJ0
Port J0 data
0: Low level
1: High level
PDRJ is a register that stores output data for port J
pins. When PCRJ bits are set to 1, the values stored in
PDRJ are output.
When PDRJ is read while PCRJ bits are set to 1, the
values stored in PDRJ are read. If PDRJ is read while
PCRJ bits are cleared to 0, the pin states are read
regardless of the value stored in PDRJ.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com