Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 373 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 369Page - Renesas Technology Corp H8S/20103 Datasheet HTML 370Page - Renesas Technology Corp H8S/20103 Datasheet HTML 371Page - Renesas Technology Corp H8S/20103 Datasheet HTML 372Page - Renesas Technology Corp H8S/20103 Datasheet HTML 373Page - Renesas Technology Corp H8S/20103 Datasheet HTML 374Page - Renesas Technology Corp H8S/20103 Datasheet HTML 375Page - Renesas Technology Corp H8S/20103 Datasheet HTML 376Page - Renesas Technology Corp H8S/20103 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 347 of 962
REJ09B0465-0100
Origin of
Activation
Source
Activation Source
Vector
Number
Vector
Address*
1
DTCE*
5
Priority
Timer RC*
3
ITCMA
Input capture A/ compare
match A
71
H'48E to H'48F
DTCED3
High
ITCMB
Input capture B/ compare
match B
72
H'490 to H'491
DTCED2
ITCMC
Input capture C/ compare
match C
73
H'492 to H'493
DTCED1
ITCMD
Input capture D/ compare
match D
74
H'494 to H'495
DTCED0
Timer RD
unit 0
channel 0
ITDMA0_0
Input capture A/ compare
match A
76
H'498 to H'499
DTCEE7
ITDMB0_0
Input capture B/ compare
match B
77
H'49A to H'49B
DTCEE6
ITDMC0_0
Input capture C/ compare
match C
78
H'49C to H'49D
DTCEE5
ITDMD0_0
Input capture D/ compare
match D
79
H'49E to H'49F
DTCEE4
Timer RD
unit 0
channel 1*
4
ITDMA0_1
Input capture A/ compare
match A
82
H'4A4 to H'4A5
DTCEE3
ITDMB0_1
Input capture B/ compare
match B
83
H'4A6 to H'4A7
DTCEE2
ITDMC0_1
Input capture C/ compare
match C
84
H'4A8 to H'4A9
DTCEE1
ITDMD0_1
Input capture D/ compare
match D
85
H'4AA to H'4AB
DTCEE0
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com