Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 412 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 408Page - Renesas Technology Corp H8S/20103 Datasheet HTML 409Page - Renesas Technology Corp H8S/20103 Datasheet HTML 410Page - Renesas Technology Corp H8S/20103 Datasheet HTML 411Page - Renesas Technology Corp H8S/20103 Datasheet HTML 412Page - Renesas Technology Corp H8S/20103 Datasheet HTML 413Page - Renesas Technology Corp H8S/20103 Datasheet HTML 414Page - Renesas Technology Corp H8S/20103 Datasheet HTML 415Page - Renesas Technology Corp H8S/20103 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 386 of 962
REJ09B0465-0100
Table 12.4
Operations of Modules when Event is Input
Module
Operations when Event is Input
Timer RA
Timer RB
Timer RC
Timer RD
Timer RG
Each timer operates differently depending on the setting of the relevant
event link option setting register as below.
• Starts counting when an event signal is input.
• Counts the input events.
• Performs input-capture operation when an event is input. (except timer
RA and timer RB)
A/D converter
Starts A/D conversion when an event signal is input.
D/A converter
Starts D/A conversion when an event signal is input.
Port-groups
The port-group operates
differently depending on the
settings as below.
• Changes the PDR value
to the specified value.
• Transfers the PDBF
values to the PDR.
• Shifts out the bit value.
Output ports
The value of PDR (port
data register) changes
when an event signal is
input. (The value of the
signal to be output from
the relevant external pin
changes.)
Single-ports
Changes the PDR value to
the specified value.
Port-groups
When the signal value of
the input pin changes.
Single-ports
Generates an event.
Port-groups
Transfers the signal value
of the external pin to PDBF.
Input ports
When an event is input
Single-ports
Event connection is
impossible.
Clock oscillator
Switches the clock source to the low-speed on-chip oscillator operation.
Interrupt controller
Issues an interrupt request to the CPU, and the DTC starts to transfer data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com