Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 446 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 442Page - Renesas Technology Corp H8S/20103 Datasheet HTML 443Page - Renesas Technology Corp H8S/20103 Datasheet HTML 444Page - Renesas Technology Corp H8S/20103 Datasheet HTML 445Page - Renesas Technology Corp H8S/20103 Datasheet HTML 446Page - Renesas Technology Corp H8S/20103 Datasheet HTML 447Page - Renesas Technology Corp H8S/20103 Datasheet HTML 448Page - Renesas Technology Corp H8S/20103 Datasheet HTML 449Page - Renesas Technology Corp H8S/20103 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 420 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
0
TOPL
Timer RB output
level select
Programmable Waveform Generation Mode
0: A high-level signal is output in primary period, a
low-level signal in secondary period and a low-
level signal when the timer stops.
1: A low-level signal is output in primary period, a
high-level signal in secondary period, and a
high-level signal when the timer stops.
Programmable one-shot generation mode
0: A high-level signal is output for one-shot pulse
output and a low-level signal when the timer
stops.
1: A low-level signal is output for one-shot pulse
output and a high-level signal when the timer
stops.
Programmable wait one-shot generation mode
0: A high-level signal is output for one-shot pulse
output and a low-level signal during the wait time
or the time when the timer stops.
1: A low-level signal is output for one-shot pulse
output and a high-level signal during the wait
time or the time when the timer stops.
This bit should be 0 in timer mode.
R/W
• INOSEG bit (one-shot trigger polarity select)
Selects an edge for the one-shot trigger signal input from the TRGB pin in programmable one-
shot generation mode or programmable wait one-shot generation mode. This bit should be 0 in
timer mode or programmable waveform generation mode.
• INOSTG bit (one-shot trigger control)
Enables or disables one-shot trigger signal input from the TRGB pin. This bit should be 0 in
timer mode or programmable waveform generation mode.
• TOCNT bit (timer RB output switch)
For TRBO output state or output change conditions in each mode, see section 14.3.6, TOCNT
Settings and Pin State Update Conditions.
• TOPL bit (timer RB output level select)
This bit should be 0 in timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com