Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 453 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 449Page - Renesas Technology Corp H8S/20103 Datasheet HTML 450Page - Renesas Technology Corp H8S/20103 Datasheet HTML 451Page - Renesas Technology Corp H8S/20103 Datasheet HTML 452Page - Renesas Technology Corp H8S/20103 Datasheet HTML 453Page - Renesas Technology Corp H8S/20103 Datasheet HTML 454Page - Renesas Technology Corp H8S/20103 Datasheet HTML 455Page - Renesas Technology Corp H8S/20103 Datasheet HTML 456Page - Renesas Technology Corp H8S/20103 Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 427 of 962
REJ09B0465-0100
Figure 14.2 shows an operation example of the timer RB in programmable waveform generation
mode.
TRBIF in TRBIR
Count source
Timer RB prescaler
underflow signal
Timer RB counter
TRBO pin output
TOPL in TRBIOC
Set to 1 by a program.
Conditions for the above operation:
TSTART in TRBCR
"1"
"0"
"1"
"0"
"1"
"0"
"1"
"0"
H'00
Set to 0 by a program
TRBPRE=H'01, TRBPR=H'01, TRBSC=H'02
TOCNT = 0 in TRBIOC (Timer RB waveform is output from the TRBO pin.)
H'01
H'00
H'00
Primary period
Primary period
Secondary period
Waveform output is started. Waveform output is inverted.
Timer RB
secondary reload
Timer RB
primary reload
Set to 0 by a program.
Waveform output is started
H'01
H'02
H'01
H'02
Figure 14.2 Operation in Programmable Waveform Generation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com