Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 470 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 466Page - Renesas Technology Corp H8S/20103 Datasheet HTML 467Page - Renesas Technology Corp H8S/20103 Datasheet HTML 468Page - Renesas Technology Corp H8S/20103 Datasheet HTML 469Page - Renesas Technology Corp H8S/20103 Datasheet HTML 470Page - Renesas Technology Corp H8S/20103 Datasheet HTML 471Page - Renesas Technology Corp H8S/20103 Datasheet HTML 472Page - Renesas Technology Corp H8S/20103 Datasheet HTML 473Page - Renesas Technology Corp H8S/20103 Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 444 of 962
REJ09B0465-0100
15.2.3
Timer RC Control Register 2 (TRCCR2)
b7
0
b6
0
b5
CSTP
0
b4
1
b3
1
b2
POLD
0
b1
POLC
0
b0
POLB
0
H'FFFF90
TCEG[1:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7, 6
TCEG[1:0] TRGC input edge
select
00: A trigger input on TRGC is disabled.
01: The rising edge is selected.
10: The falling edge is selected.
11: Both edges are selected.
R/W
5
CSTP
Count stop
0: TRCCNT counting up continues.
1: TRCCNT counting up is halted.
R/W
4, 3
Reserved
These bits are read as 1. The write value should
be 1.
2
POLD
PWM mode output
level control D
0: The TRCIOD output is active low.
1: The TRCIOD output is active high.
R/W
1
POLC
PWM mode output
level control C
0: The TRCIOC output is active low.
1: The TRCIOC output is active high.
R/W
0
POLB
PWM mode output
level control B
0: The TRCIOB output is active low.
1: The TRCIOB output is active high.
R/W
• TCEG[1:0] bits (TRGC input edge select)
These bits select the input edge of the TRGC signal. This function is only enabled when the
PWM2 bit in TRCMR is set to 0.
• CSTP bit (count stop)
Specifies whether TRCCNT counting up is halted by the compare match A signal. This
function is enabled in all operating modes. To resume counting after counting has been
stopped on a compare match, set the CTS bit in the timer RC mode register (TRCMR) to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com