Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 479 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 475Page - Renesas Technology Corp H8S/20103 Datasheet HTML 476Page - Renesas Technology Corp H8S/20103 Datasheet HTML 477Page - Renesas Technology Corp H8S/20103 Datasheet HTML 478Page - Renesas Technology Corp H8S/20103 Datasheet HTML 479Page - Renesas Technology Corp H8S/20103 Datasheet HTML 480Page - Renesas Technology Corp H8S/20103 Datasheet HTML 481Page - Renesas Technology Corp H8S/20103 Datasheet HTML 482Page - Renesas Technology Corp H8S/20103 Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 453 of 962
REJ09B0465-0100
15.2.8
Timer RC Output Enable Register (TRCOER)
b7
PTO
0
b6
1
b5
1
b4
1
b3
ED
1
b2
EC
1
b1
EB
1
b0
EA
1
H'FFFF92
Bit:
Address:
Value after reset:
Bit
Symbol Bit Name
Description
R/W
7
PTO
Timer output
disabled mode
0: The ED, EC, EB and EA bits are not set to 1 by
the low level input of the
TRCOI signal.
1: The ED, EC, EB and EA bits are set to 1 by the
low level input of the
TRCOI signal.
R/W
6 to 4
Reserved
These bits are read as 1. The write value should
be 1.
3
ED
Master enable D
0: The FTIOD output is enabled according to the
TRCMR and TRCIOR1 settings
1: The FTIOD output is disabled regardless of the
TRCMR and TRCIOR1 settings.
R/W
2
EC
Master enable C
0: The FTIOC output is enabled according to the
TRCMR and TRCIOR1 settings.
1: The FTIOC output is disabled regardless of the
TRCMR and TRCIOR1 settings.
R/W
1
EB
Master enable B
0: The FTIOB output is enabled according to the
TRCMR and TRCIOR0 settings
1: The FTIOB output is disabled regardless of the
TRCMR and TRCIOR0 settings.
R/W
0
EA
Master enable A
0: The FTIOA output is enabled according to the
TRCIOR0 settings
1: The FTIOA output is disabled regardless of the
TRCIOR0 settings.
R/W
TRCOER enables or disables the timer outputs. When setting the PTO bit to 1 and driving the
TRCOI signal low, the ED, EC, EB and EA bits are set to 1 and timer RC outputs are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com