Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 518 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 514Page - Renesas Technology Corp H8S/20103 Datasheet HTML 515Page - Renesas Technology Corp H8S/20103 Datasheet HTML 516Page - Renesas Technology Corp H8S/20103 Datasheet HTML 517Page - Renesas Technology Corp H8S/20103 Datasheet HTML 518Page - Renesas Technology Corp H8S/20103 Datasheet HTML 519Page - Renesas Technology Corp H8S/20103 Datasheet HTML 520Page - Renesas Technology Corp H8S/20103 Datasheet HTML 521Page - Renesas Technology Corp H8S/20103 Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 492 of 962
REJ09B0465-0100
TRCCNT
Previous clock
N
N + 1
N + 2
N + 3
New clock
Counter clock
The rising edge may occur depending on the timing
of changing bits CKS2 to CKS0. In this case, TRCCNT
counts up.
Figure 15.38 Internal Clock Switching and TRCCNT Operation
5. The TOA to TOD bits in TRCCR1 decide the output value of the FTIO pin until the first
compare match occurs. Once a compare match occurs and this compare match changes the
values of FTIOA to FTIOD output, the values of the FTIOA to FTIOD pin output and the
values read from the TOA to TOD bits may differ. Moreover, when the writing to TRCCR1
and the generation of the compare match A to D occur at the same timing, the writing to
TRCCR1 has the priority. Thus, output change due to the compare match is not reflected to the
FTIOA to FTIOD pins. Therefore, when bit manipulation instruction is used to write to
TRCCR1, the values of the FTIOA to FTIOD pin output may result in an unexpected result.
When TRCCR1 is to be written to while compare match is operating, stop the counter once
before accessing to TRCCR1, read the port H state to reflect the values of FTIOA to FTIOD
output, to TOA to TOD, and then restart the counter. Figure 15.39 shows an example when the
compare match and the bit manipulation instruction to TRCCR1 occur at the same timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com