Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 531 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 531 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 527Page - Renesas Technology Corp H8S/20103 Datasheet HTML 528Page - Renesas Technology Corp H8S/20103 Datasheet HTML 529Page - Renesas Technology Corp H8S/20103 Datasheet HTML 530Page - Renesas Technology Corp H8S/20103 Datasheet HTML 531Page - Renesas Technology Corp H8S/20103 Datasheet HTML 532Page - Renesas Technology Corp H8S/20103 Datasheet HTML 533Page - Renesas Technology Corp H8S/20103 Datasheet HTML 534Page - Renesas Technology Corp H8S/20103 Datasheet HTML 535Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 505 of 962
REJ09B0465-0100
16.2.1
Timer RD Start Register (TRDSTR)
Address:
Bit:
Value after reset:
b7
1
b6
1
b5
1
b4
1
b3
CSTPN1
1
b2
CSTPN0
1
b1
STR1
0
b0
STR0
0
H'FFFFD2
Bit
Symbol
Bit Name
Description
R/W
7 to 4
Reserved
These bits are read as 1. The write value should
be 1.
3
CSTPN1
Channel 1 counter
stop
0: Counting is stopped on a compare match of
TRDCNT_1 and GRA_1
1: Counting is continued on a compare match of
TRDCNT_1 and GRA_1
Set this bit to 1 to restart counting after the
counting has been stopped on a compare match.
R/W
2
CSTPN0
Channel 0 counter
stop
0: Counting is stopped on a compare match of
TRDCNT_0 and GRA_0
1: Counting is continued on a compare match of
TRDCNT_0 and GRA_0
Set this bit to 1 to restart counting after the
counting has been stopped on a compare match.
R/W
1
STR1
Channel 1 counter
start
0: TRDCNT_1 stops counting.
1: TRDCNT_1 starts counting.
[Setting conditions]
• When 1 is written in STR1
• When the specified event is occurred after
ELOPB of the event link controller is selected
counting by timer RD_0 for channel 1.
[Clearing conditions]
• When 0 is written in STR1 while CSTPN1 = 1
• When the compare match A1 signal is
generated while CSTPN1 = 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com