Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 102 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 98Page - Renesas Technology Corp H8S/20103 Datasheet HTML 99Page - Renesas Technology Corp H8S/20103 Datasheet HTML 100Page - Renesas Technology Corp H8S/20103 Datasheet HTML 101Page - Renesas Technology Corp H8S/20103 Datasheet HTML 102Page - Renesas Technology Corp H8S/20103 Datasheet HTML 103Page - Renesas Technology Corp H8S/20103 Datasheet HTML 104Page - Renesas Technology Corp H8S/20103 Datasheet HTML 105Page - Renesas Technology Corp H8S/20103 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 76 of 962
REJ09B0465-0100
4.2.1
Interrupt Control Register (INTCR)
b7
0
b6
0
b5
0
b4
0
b3
NMIEG
0
b2
ADTRG1
0
b1
ADTRG0
0
b0
0
H'FF0520
INTM[1:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
6
Reserved
These bits are read as 0. The write value should
be 0.
5
4
INTM[1:0]
Interrupt control
select mode 1
and 0
00: Interrupt control mode 0
Interrupts are controlled by the I bit.
01: Setting prohibited
10: Interrupt control mode 2
Interrupts are controlled by bits I1 and I0, and
IPR.
11: Setting prohibited
R/W
3
NMIEG
NMI edge select 0: Interrupt request is generated at falling edge of
NMI input.
1: Interrupt request is generated at rising edge of
NMI input.
R/W
2
ADTRG1
ADTRG2 edge
select
0: AD1 or AD2 conversion is started at falling edge
of
ADTRG2 input.
1: AD1 or AD2 conversion is started at rising edge
of
ADTRG2 input.
R/W
1
ADTRG0
ADTRG1 edge
select
0: AD1 or AD2 conversion is started at falling edge
of
ADTRG1 input.
1: AD1 or AD2 conversion is started at rising edge
of
ADTRG1 input.
R/W
0
Reserved
This bit is read as 0. The write value should be 0.
• INTM1 and INTM0 bits (interrupt control select mode 1 and 0)
These bits select the interrupt control mode for the interrupt controller.
• NMIEG bit (NMI edge select)
Selects the input edge for the
NMI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com