Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 124 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 120Page - Renesas Technology Corp H8S/20103 Datasheet HTML 121Page - Renesas Technology Corp H8S/20103 Datasheet HTML 122Page - Renesas Technology Corp H8S/20103 Datasheet HTML 123Page - Renesas Technology Corp H8S/20103 Datasheet HTML 124Page - Renesas Technology Corp H8S/20103 Datasheet HTML 125Page - Renesas Technology Corp H8S/20103 Datasheet HTML 126Page - Renesas Technology Corp H8S/20103 Datasheet HTML 127Page - Renesas Technology Corp H8S/20103 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 98 of 962
REJ09B0465-0100
4.5.2
Interrupt Control Mode 2
In interrupt control mode 2, mask control is executed in four levels for interrupt requests except
NMI by comparing the EXR interrupt mask level (I1 and I0 bits*) in the CPU and the IPR setting.
Figure 4.4 shows a flowchart of the interrupt acceptance operation.
1. If an interrupt source occurs when the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
2. When interrupt requests are sent to the interrupt controller, the interrupt with the highest
priority according to the interrupt priority levels set in IPR is selected, and lower-priority
interrupt requests are held pending. If the same priority are generated at the same time, the
interrupt request is selected according to the default priority system shown in table 4.3.
3. Next, the priority of the selected interrupt request is compared with the interrupt mask level set
in EXR. An interrupt request with a priority no higher than the mask level set at that time is
held pending, and only an interrupt request with a priority higher than the interrupt mask level
is accepted.
4. When the CPU accepts an interrupt request, it starts interrupt exception handling after
execution of the current instruction has been completed.
5. The PC, CCR, and EXR are saved to the stack area by interrupt exception handling. The PC
saved on the stack shows the address of the first instruction to be executed after returning from
the interrupt handling routine.
6. The T bit in EXR is cleared to 0. The interrupt mask level is rewritten with the priority level of
the accepted interrupt. If the accepted interrupt is NMI, the interrupt mask level is set to H'3.
7. The CPU generates a vector address for the accepted interrupt request and starts execution of
the interrupt handling routine at the address indicated by the contents of the start address in the
vector table.
Note: * The I2 bit does not affect the mask control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com