Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 211 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 207Page - Renesas Technology Corp H8S/20103 Datasheet HTML 208Page - Renesas Technology Corp H8S/20103 Datasheet HTML 209Page - Renesas Technology Corp H8S/20103 Datasheet HTML 210Page - Renesas Technology Corp H8S/20103 Datasheet HTML 211Page - Renesas Technology Corp H8S/20103 Datasheet HTML 212Page - Renesas Technology Corp H8S/20103 Datasheet HTML 213Page - Renesas Technology Corp H8S/20103 Datasheet HTML 214Page - Renesas Technology Corp H8S/20103 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 185 of 962
REJ09B0465-0100
All the commands in table 7.5 except for the boot-program-state inquiry command (H'4F) are
valid until the boot program accepts the transition-to-programming/erasure-state command (H'40).
That is, until the transition command is accepted, the host can repeatedly send inquiry and
selection commands in table 7.5. The boot-program-state inquiry command (H'4F) is valid even
after the boot program accepts the transition-to-programming/erasure-state command (H'40).
(a) Inquiry about Supported Devices
In response to the command for inquiry about the supported devices, the boot program returns the
device codes of the supported devices and the product name of the boot program.
Command
H'20
• Command H'20 (1 byte): Inquiry about supported devices
Response
H'30
Size
Number of
devices
Number of
characters
Device code
Product name
SUM
• Response H'30 (1 byte): Response to the inquiry about supported devices
• Size (1 byte): The size of transmit/receive data excluding the response-command, size, and
checksum fields. Here, it refers to the total size used by the number-of-devices, number-of-
characters, device-code, and product-name fields.
• Number of devices (1 byte): The number of device types supported by the boot program in the
microcomputer.
• Number of characters (1 byte): The number of characters in the device-code and product-name
fields.
• Device code (4 bytes): Product names of the supported devices (ASCII code)
• Product name (128 bytes): Product code of the boot program (ASCII code)
• SUM (1 byte): Checksum
This is set so that the total sum of the values from the response-code field through the SUM
field should be H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com