Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 282 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 278Page - Renesas Technology Corp H8S/20103 Datasheet HTML 279Page - Renesas Technology Corp H8S/20103 Datasheet HTML 280Page - Renesas Technology Corp H8S/20103 Datasheet HTML 281Page - Renesas Technology Corp H8S/20103 Datasheet HTML 282Page - Renesas Technology Corp H8S/20103 Datasheet HTML 283Page - Renesas Technology Corp H8S/20103 Datasheet HTML 284Page - Renesas Technology Corp H8S/20103 Datasheet HTML 285Page - Renesas Technology Corp H8S/20103 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 256 of 962
REJ09B0465-0100
(c)
Port 6 Peripheral Function Mapping Register 3 (PMCR63)
b7
0
b6
1
b5
P65MD[2:0]
0
b4
1
b3
0
b2
1
b1
P64MD[2:0]
0
b0
1
H'FF0056
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is always read as 0. The write value should
always be 0.
6 to 4
P65MD[2:0]
P65 function
select
000: Setting prohibited
001:
IRQ5 input
010: SCK3_2 input/output (SCI3_2)
011: SCK3_3 input/output (SCI3_3)
100: SSCK input/output*
3 (SSU)
101: FTIOB1 input/output (timer RD_0)
(initial value)
110:
TRDOI_1 input (timer RD_1)*1
111: Setting prohibited
R/W
3
Reserved
This bit is always read as 0. The write value should
always be 0.
2 to 0
P64MD[2:0]
P64 function
select
000: Setting prohibited
001:
IRQ4 input
010:
TRDOI_0 input (timer RD_0)
011: FTCI input (timer RC)*
2
100: SSO input/output*
3 (SSU)
101: FTIOA1 input/output (timer RD_0)
(initial value)
110: TRAIO input/output (timer RA)
111: Setting prohibited
R/W
Notes: 1. This function cannot be selected for the H8S/20103 group.
2. The timer RC is not available on the H8S/20203 and H8S/20223 groups. These bits are
reserved and the function cannot be selected for these groups.
3. If the SSCK output pin or the SSO output pin is set, the NMOS open-drain output
cannot be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com