Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 302 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 298Page - Renesas Technology Corp H8S/20103 Datasheet HTML 299Page - Renesas Technology Corp H8S/20103 Datasheet HTML 300Page - Renesas Technology Corp H8S/20103 Datasheet HTML 301Page - Renesas Technology Corp H8S/20103 Datasheet HTML 302Page - Renesas Technology Corp H8S/20103 Datasheet HTML 303Page - Renesas Technology Corp H8S/20103 Datasheet HTML 304Page - Renesas Technology Corp H8S/20103 Datasheet HTML 305Page - Renesas Technology Corp H8S/20103 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 276 of 962
REJ09B0465-0100
10.2.3
Port Data Register 2 (PDR2)
b7
PDR27
0
b6
PDR26
0
b5
PDR25
0
b4
PDR24
0
b3
PDR23
0
b2
PDR22
0
b1
PDR21
0
b0
PDR20
0
H'FFFFE1
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDR27
Port 27 data
R/W
6
PDR26
Port 26 data
R/W
5
PDR25
Port 25 data
R/W
4
PDR24
Port 24 data
R/W
3
PDR23
Port 23 data
R/W
2
PDR22
Port 22 data
R/W
1
PDR21
Port 21 data
R/W
0
PDR20
Port 20 data
0: Low level
1: High level
PDR2 is a register that stores output data for port 2
pins. When PCR2 bits are set to 1, the values
stored in PDR2 are output.
When PDR2 is read while PCR2 bits are set to 1,
the values stored in PDR2 are read. If PDR2 is read
while PCR2 bits are cleared to 0, the pin states are
read regardless of the value stored in PDR2.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com