Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 308 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 304Page - Renesas Technology Corp H8S/20103 Datasheet HTML 305Page - Renesas Technology Corp H8S/20103 Datasheet HTML 306Page - Renesas Technology Corp H8S/20103 Datasheet HTML 307Page - Renesas Technology Corp H8S/20103 Datasheet HTML 308Page - Renesas Technology Corp H8S/20103 Datasheet HTML 309Page - Renesas Technology Corp H8S/20103 Datasheet HTML 310Page - Renesas Technology Corp H8S/20103 Datasheet HTML 311Page - Renesas Technology Corp H8S/20103 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 282 of 962
REJ09B0465-0100
10.3.3
Port Data Register 3 (PDR3)
b7
PDR37
0
b6
PDR36
0
b5
PDR35
0
b4
PDR34
0
b3
PDR33
0
b2
PDR32
0
b1
PDR31
0
b0
PDR30
0
H'FFFFE2
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDR37
Port 37 data
R/W
6
PDR36
Port 36 data
R/W
5
PDR35
Port 35 data
R/W
4
PDR34
Port 34 data
R/W
3
PDR33
Port 33 data
R/W
2
PDR32
Port 32 data
R/W
1
PDR31
Port 31 data
R/W
0
PDR30
Port 30 data
0: Low level
1: High level
PDR3 is a register that stores output data for port 3
pins. When PCR3 bits are set to 1, the values
stored in PDR3 are output.
When PDR3 is read while PCR3 bits are set to 1,
the values stored in PDR3 are read. If PDR3 is read
while PCR3 bits are cleared to 0, the pin states are
read regardless of the value stored in PDR3.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com