Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 321 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 317Page - Renesas Technology Corp H8S/20103 Datasheet HTML 318Page - Renesas Technology Corp H8S/20103 Datasheet HTML 319Page - Renesas Technology Corp H8S/20103 Datasheet HTML 320Page - Renesas Technology Corp H8S/20103 Datasheet HTML 321Page - Renesas Technology Corp H8S/20103 Datasheet HTML 322Page - Renesas Technology Corp H8S/20103 Datasheet HTML 323Page - Renesas Technology Corp H8S/20103 Datasheet HTML 324Page - Renesas Technology Corp H8S/20103 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 295 of 962
REJ09B0465-0100
10.5.4
Port Pull-Up Control Register 6 (PUCR6)
b7
PUCR67
0
b6
PUCR66
0
b5
PUCR65
0
b4
PUCR64
0
b3
PUCR63
0
b2
PUCR62
0
b1
PUCR61
0
b0
PUCR60
0
H'FF0015
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PUCR67
Port 67 pull-up
control
R/W
6
PUCR66
Port 66 pull-up
control
R/W
5
PUCR65
Port 65 pull-up
control
R/W
4
PUCR64
Port 64 pull-up
control
R/W
3
PUCR63
Port 63 pull-up
control
R/W
2
PUCR62
Port 62 pull-up
control
R/W
1
PUCR61
Port 61 pull-up
control
R/W
0
PUCR60
Port 60 pull-up
control
0: The pull-up MOS of corresponding pin is
disabled.
1: The pull-up MOS of corresponding pin is
enabled.
PUCR6 is a register that controls the pull-up MOS
in bit units of the pins set as the input ports.
R/W
• PUCR67 bit to PUCR60 bit (port 67 to 60 pull-up control)
This function is valid only for the pin set as general input, and for the input pin with a function
selected by the PMC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com