Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 326 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 322Page - Renesas Technology Corp H8S/20103 Datasheet HTML 323Page - Renesas Technology Corp H8S/20103 Datasheet HTML 324Page - Renesas Technology Corp H8S/20103 Datasheet HTML 325Page - Renesas Technology Corp H8S/20103 Datasheet HTML 326Page - Renesas Technology Corp H8S/20103 Datasheet HTML 327Page - Renesas Technology Corp H8S/20103 Datasheet HTML 328Page - Renesas Technology Corp H8S/20103 Datasheet HTML 329Page - Renesas Technology Corp H8S/20103 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 300 of 962
REJ09B0465-0100
10.6.3
Port Data Register 8 (PDR8)
b7
PDR87
0
b6
PDR86
0
b5
PDR85
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FFFFE7
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDR87
Port 87 data
R/W
6
PDR86
Port 86 data
R/W
5
PDR85
Port 85 data
0: Low level
1: High level
PDR8 is a register that stores output data for port
8 pins. When PCR8 bits are set to 1, the values
stored in PDR8 are output.
When PDR8 is read while PCR8 bits are set to 1,
the values stored in PDR8 are read. If PDR8 is
read while PCR8 bits are cleared to 0, the pin
states are read regardless of the value stored in
PDR8.
R/W
4 to 0
Reserved
These bits are read as 0. The write value should
be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com