| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ADE7758_15 Datasheet
# Example questions:
➢ The pin configuration diagram lists 'irq'. what does irq stand for, and what is its function according to the provided documentation?
➢ What is the purpose of the 'din' pin?
➢ What is the maximum voltage that can be applied between avdd and agnd?
1. General Overview
️· Device: ADE7758
️· Type: Single-Chip Data Acquisition Device for Energy Metering
️· Function: Designed to measure electrical parameters in energy metering applications (e.g., voltage, current, power, energy). It provides a bridge for analog measurement and a serial interface to communicate the data.
2. Absolute Maximum Ratings
These are the limits the device can withstand without risk of permanent damage. *Do not operate the device continuously at these maximums.*
| Parameter | Rating |
|---|---|
| AVDD to AGND | -0.3 V to +7 V |
| DVDD to DGND | -0.3 V to +7 V |
| DVDD to AVDD | -0.3 V to +0.3 V |
| Analog Input Voltage to AGND (IAP, IAN, etc.) | -6 V to +6 V |
| Reference Input Voltage to AGND | -0.3 V to AVDD + 0.3 V |
| Digital Input Voltage to DGND | -0.3 V to DVDD + 0.3 V |
| Digital Output Voltage to DGND | -0.3 V to DVDD + 0.3 V |
| Operating Temperature | -40°C to +85°C |
| Storage Temperature | -65°C to +150°C |
| Junction Temperature | 150°C |
| Power Dissipation (24-Lead SOIC) | 88 mW |
| Thermal Impedance (θJA) | 53°C/W |
| Lead Temperature (Soldering) - Vapor Phase | 215°C |
| Lead Temperature (Soldering) - Infrared | 220°C |
1. General Overview
️· Device: ADE7758
️· Type: Single-Chip Data Acquisition Device for Energy Metering
️· Function: Designed to measure electrical parameters in energy metering applications (e.g., voltage, current, power, energy). It provides a bridge for analog measurement and a serial interface to communicate the data.
2. Absolute Maximum Ratings
These are the limits the device can withstand without risk of permanent damage. *Do not operate the device continuously at these maximums.*
| Parameter | Rating |
|---|---|
| AVDD to AGND | -0.3 V to +7 V |
| DVDD to DGND | -0.3 V to +7 V |
| DVDD to AVDD | -0.3 V to +0.3 V |
| Analog Input Voltage to AGND (IAP, IAN, etc.) | -6 V to +6 V |
| Reference Input Voltage to AGND | -0.3 V to AVDD + 0.3 V |
| Digital Input Voltage to DGND | -0.3 V to DVDD + 0.3 V |
| Digital Output Voltage to DGND | -0.3 V to DVDD + 0.3 V |
| Operating Temperature | -40°C to +85°C |
| Storage Temperature | -65°C to +150°C |
| Junction Temperature | 150°C |
| Power Dissipation (24-Lead SOIC) | 88 mW |
| Thermal Impedance (θJA) | 53°C/W |
| Lead Temperature (Soldering) - Vapor Phase | 215°C |
| Lead Temperature (Soldering) - Infrared | 220°C |
| Part No. | ADE7758_15 |
| Manufacturer | AD |
| Size | 979 Kbytes |
| Pages | 72 pages |
| Description | Poly Phase Multifunction Energy Metering IC with Per Phase Information |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |