Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 343 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 339Page - Renesas Technology Corp H8S/2112 Datasheet HTML 340Page - Renesas Technology Corp H8S/2112 Datasheet HTML 341Page - Renesas Technology Corp H8S/2112 Datasheet HTML 342Page - Renesas Technology Corp H8S/2112 Datasheet HTML 343Page - Renesas Technology Corp H8S/2112 Datasheet HTML 344Page - Renesas Technology Corp H8S/2112 Datasheet HTML 345Page - Renesas Technology Corp H8S/2112 Datasheet HTML 346Page - Renesas Technology Corp H8S/2112 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 894 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 Mar. 18, 2008 Page 319 of 866
REJ09B0451-0100
12.3
Register Descriptions
The TMR has the following registers. For details on the serial timer control register, see section
3.2.3, Serial Timer Control Register (STCR).
Table 12.2
Register Configuration
Channel
Register Name
Abbreviation R/W
Initial
Value
Address
Data
Bus
Width
Timer counter_0
TCNT_0
R/W
H'00
H'FFD0
16
Time constant register A_0
TCORA_0
R/W
H'FF
H'FFCC
16
Time constant register B_0
TCORB_0
R/W
H'FF
H'FFCE
16
Timer control register_0
TCR_0
R/W
H'00
H'FFC8
8
Channel 0
Timer control/status register_0
TCSR_0
R/W
H'00
H'FFCA
8
Timer counter_1
TCNT_1
R/W
H'00
H'FFD1
16
Time constant register A_1
TCORA_1
R/W
H'FF
H'FFCD
16
Time constant register B_1
TCORB_1
R/W
H'FF
H'FFCF
16
Timer control register_1
TCR_1
R/W
H'00
H'FFC9
8
Channel 1
Timer control/status register_1
TCSR_1
R/W
H'10
H'FFCB
8
Timer counter_Y
TCNT_Y
R/W
H'00
H'FFF4
H'FECC
8
Time constant register A_Y
TCORA_Y
R/W
H'FF
H'FFF2
H'FECA
8
Time constant register B_Y
TCORB_Y
R/W
H'FF
H'FFF3
H'FECB
8
Timer control register_Y
TCR_Y
R/W
H'00
H'FFF0
H'FEC8
8
Timer control/status register_Y TCSR_Y
R/W
H'10
H'FFF1
H'FEC9
8
Channel Y
Timer connection register S
TCONRS
R/W
H'00
H'FFFE
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com