Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 344 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 340Page - Renesas Technology Corp H8S/2112 Datasheet HTML 341Page - Renesas Technology Corp H8S/2112 Datasheet HTML 342Page - Renesas Technology Corp H8S/2112 Datasheet HTML 343Page - Renesas Technology Corp H8S/2112 Datasheet HTML 344Page - Renesas Technology Corp H8S/2112 Datasheet HTML 345Page - Renesas Technology Corp H8S/2112 Datasheet HTML 346Page - Renesas Technology Corp H8S/2112 Datasheet HTML 347Page - Renesas Technology Corp H8S/2112 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 894 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 Mar. 18, 2008 Page 320 of 866
REJ09B0451-0100
Channel
Register Name
Abbreviation R/W
Initial
Value
Address
Data
Bus
Width
Timer counter_X
TCNT_X
R/W
H'00
H'FFF4
8
Time constant register A_X
TCORA_X
R/W
H'FF
H'FFF6
8
Time constant register B_X
TCORB_X
R/W
H'FF
H'FFF7
8
Timer control register_X
TCR_X
R/W
H'00
H'FFF0
8
Timer control/status register_X TCSR_X
R/W
H'00
H'FFF1
8
Time constant register
TCORC
R/W
H'FF
H'FFF5
8
Input capture register R
TICRR
R
H'00
H'FFF2
8
Input capture register F
TICRF
R
H'00
H'FFF3
8
Channel X
Timer connection register I
TCONRI
R/W
H'00
H'FFFC
8
Common
Timer XY control register
TCRXY
R/W
H'00
H'FEC6
8
Note:
Some of the registers of TMR_X and TMR_Y use the same address. The registers can be
switched by the TMRX/Y bit in TCONRS.
TCNT_Y, TCORA_Y, TCORB_Y, and TCR_Y can be accessed when the RELOCATE bit in
SYSCR3 and the KINWUE bit in SYSCR are cleared to 0 and the TMRX/Y bit in TCONRS
is set to 1, or when the RELOCATE bit in SYSCR3 is set to 1. TCNT_X, TCORA_X,
TCORB_X, and TCR_X can be accessed when the RELOCATE bit in SYSCR3, the
KINWUE bit in SYSCR, and the TMRX/Y bit in TCONRS are cleared to 0, or when the
RELOCATE bit in SYSCR3 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com