Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 370 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 366Page - Renesas Technology Corp H8S/2112 Datasheet HTML 367Page - Renesas Technology Corp H8S/2112 Datasheet HTML 368Page - Renesas Technology Corp H8S/2112 Datasheet HTML 369Page - Renesas Technology Corp H8S/2112 Datasheet HTML 370Page - Renesas Technology Corp H8S/2112 Datasheet HTML 371Page - Renesas Technology Corp H8S/2112 Datasheet HTML 372Page - Renesas Technology Corp H8S/2112 Datasheet HTML 373Page - Renesas Technology Corp H8S/2112 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 894 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 Mar. 18, 2008 Page 346 of 866
REJ09B0451-0100
12.9.5
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 12.8 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1
and CKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the falling edge of the internal clock
pulse is detected. If clock switching causes a change from high to low level, as shown in no. 3 in
table 12.8, a TCNT clock pulse is generated on the assumption that the switchover is a falling
edge, and TCNT is incremented.
Erroneous incrementation can also happen when switching between internal and external clocks.
Table 12.8
Switching of Internal Clocks and TCNT Operation
No.
Timing of Switchover
by Means of CKS1
and CKS0 Bits
TCNT Clock Operation
1
Clock switching from low
to low level*
1
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
2
Clock switching from low
to high level*
2
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
N + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com