Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 373 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 369Page - Renesas Technology Corp H8S/2112 Datasheet HTML 370Page - Renesas Technology Corp H8S/2112 Datasheet HTML 371Page - Renesas Technology Corp H8S/2112 Datasheet HTML 372Page - Renesas Technology Corp H8S/2112 Datasheet HTML 373Page - Renesas Technology Corp H8S/2112 Datasheet HTML 374Page - Renesas Technology Corp H8S/2112 Datasheet HTML 375Page - Renesas Technology Corp H8S/2112 Datasheet HTML 376Page - Renesas Technology Corp H8S/2112 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 894 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 1.00 Mar. 18, 2008 Page 349 of 866
REJ09B0451-0100
Section 13 Watchdog Timer (WDT)
This LSI incorporates two watchdog timer channels (WDT_0 and WDT_1). The watchdog timer
can generate an internal reset signal or an internal NMI interrupt signal if a system crash prevents
the CPU from writing to the timer counter, thus allowing it to overflow.
When this watchdog function is not needed, the WDT can be used as an interval timer. In interval
timer operation, an interval timer interrupt is generated each time the counter overflows. A block
diagram of the WDT_0 and WDT_1 are shown in figure 13.1.
13.1
Features
• Selectable from eight (WDT_0) or 16 (WDT_1) counter input clocks.
• Switchable between watchdog timer mode and interval timer mode
Watchdog Timer Mode:
• If the counter overflows, whether an internal reset or an internal NMI interrupt is generated
can be selected.
Interval Timer Mode:
• If the counter overflows, an interval timer interrupt (WOVI) is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com