Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 375 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 371Page - Renesas Technology Corp H8S/2112 Datasheet HTML 372Page - Renesas Technology Corp H8S/2112 Datasheet HTML 373Page - Renesas Technology Corp H8S/2112 Datasheet HTML 374Page - Renesas Technology Corp H8S/2112 Datasheet HTML 375Page - Renesas Technology Corp H8S/2112 Datasheet HTML 376Page - Renesas Technology Corp H8S/2112 Datasheet HTML 377Page - Renesas Technology Corp H8S/2112 Datasheet HTML 378Page - Renesas Technology Corp H8S/2112 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 894 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 1.00 Mar. 18, 2008 Page 351 of 866
REJ09B0451-0100
13.2
Input/Output Pins
The WDT has the pins listed in table 13.1.
Table 13.1
Pin Configuration
Name
Pin Name
I/O
Function
External sub-clock input pin
EXCL
Input
Inputs the clock pulses to the WDT_1
prescaler counter
13.3
Register Descriptions
The WDT has the following registers. To prevent accidental overwriting, TCSR and TCNT have
to be written to in a method different from normal registers. For details, see section 13.6.1, Notes
on Register Access. For details on the system control register, see section 3.2.2, System Control
Register (SYSCR).
Table 13.2
Register Configuration
Channel
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
Timer counter_0
TCNT_0
R/W
H'00
H'FFA8
H'FFA9*
16
8
Channel 0
Timer control/status
register_0
TCSR_0
R/W
H'00
H'FFA8
H'FFA8*
16
8
Timer counter_1
TCNT_1
R/W
H'00
H'FFEA
H'FFEB*
16
8
Channel 1
Timer control/status
register_1
TCSR_1
R/W
H'00
H'FFEA
H'FFEA*
16
8
Note:
*
Address in the upper cell: when writing.
Address in the lower cell: when reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com