Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 384 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 380Page - Renesas Technology Corp H8S/2112 Datasheet HTML 381Page - Renesas Technology Corp H8S/2112 Datasheet HTML 382Page - Renesas Technology Corp H8S/2112 Datasheet HTML 383Page - Renesas Technology Corp H8S/2112 Datasheet HTML 384Page - Renesas Technology Corp H8S/2112 Datasheet HTML 385Page - Renesas Technology Corp H8S/2112 Datasheet HTML 386Page - Renesas Technology Corp H8S/2112 Datasheet HTML 387Page - Renesas Technology Corp H8S/2112 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 894 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 1.00 Mar. 18, 2008 Page 360 of 866
REJ09B0451-0100
13.6.2
Conflict between Timer Counter (TCNT) Write and Increment
If a timer counter clock pulse is generated during the T
2 state of a TCNT write cycle, the write
takes priority and the timer counter is not incremented. Figure 13.6 shows this operation.
Address
φ
Internal write signal
TCNT input clock
TCNT
N
M
T1
T2
TCNT write cycle
Counter write data
Figure 13.6 Conflict between TCNT Write and Increment
13.6.3
Changing Values of CKS2 to CKS0 Bits
If CKS2 to CKS0 bits in TCSR are written to while the WDT is operating, errors could occur in
the incrementation. Software must stop the watchdog timer (by clearing the TME bit to 0) before
changing the values of CKS2 to CKS0 bits.
13.6.4
Changing Value of PSS Bit
If the PSS bit in TCSR_1 is written to while the WDT is operating, errors could occur in the
operation. Stop the watchdog timer (by clearing the TME bit to 0) before changing the values of
PSS bit.
13.6.5
Switching between Watchdog Timer Mode and Interval Timer Mode
If the mode is switched from/to watchdog timer to/from interval timer, while the WDT is
operating, errors could occur in the operation. Software must stop the watchdog timer (by clearing
the TME bit to 0) before switching the mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com