Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 385 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 381Page - Renesas Technology Corp H8S/2112 Datasheet HTML 382Page - Renesas Technology Corp H8S/2112 Datasheet HTML 383Page - Renesas Technology Corp H8S/2112 Datasheet HTML 384Page - Renesas Technology Corp H8S/2112 Datasheet HTML 385Page - Renesas Technology Corp H8S/2112 Datasheet HTML 386Page - Renesas Technology Corp H8S/2112 Datasheet HTML 387Page - Renesas Technology Corp H8S/2112 Datasheet HTML 388Page - Renesas Technology Corp H8S/2112 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 361 of 866
REJ09B0451-0100
Section 14 Serial Communication Interface (SCI)
This LSI has a serial communication interface (SCI) channel. The SCI can handle both
asynchronous and clocked synchronous serial communication. Asynchronous serial data
communication can be carried out with standard asynchronous communication chips such as a
Universal Asynchronous Receiver/Transmitter (UART) or Asynchronous Communication
Interface Adapter (ACIA). A function is also provided for serial communication between
processors (multiprocessor communication function). The SCI also supports the smart card (IC
card) interface based on ISO/IEC 7816-3 (Identification Card) as an enhanced asynchronous
communication function.
14.1
Features
• Choice of asynchronous or clocked synchronous serial communication mode
• Full-duplex communication capability
The transmitter and receiver are mutually independent, enabling transmission and reception to
be executed simultaneously. Double-buffering is used in both the transmitter and the receiver,
enabling continuous transmission and continuous reception of serial data.
• On-chip baud rate generator allows any bit rate to be selected
The External clock can be selected as a transfer clock source (except for the smart card
interface).
• Choice of LSB-first or MSB-first transfer (except in the case of asynchronous mode 7-bit data)
• Four interrupt sources
Four interrupt sources
 transmit-end, transmit-data-empty, receive-data-full, and receive
error
 that can issue requests.
Asynchronous Mode:
• Data length: 7 or 8 bits
• Stop bit length: 1 or 2 bits
• Parity: Even, odd, or none
• Receive error detection: Parity, overrun, and framing errors
• Break detection: Break can be detected by reading the RxD pin level directly in case of a
framing error
• Multiprocessor communication capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com