Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 433 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 429Page - Renesas Technology Corp H8S/2112 Datasheet HTML 430Page - Renesas Technology Corp H8S/2112 Datasheet HTML 431Page - Renesas Technology Corp H8S/2112 Datasheet HTML 432Page - Renesas Technology Corp H8S/2112 Datasheet HTML 433Page - Renesas Technology Corp H8S/2112 Datasheet HTML 434Page - Renesas Technology Corp H8S/2112 Datasheet HTML 435Page - Renesas Technology Corp H8S/2112 Datasheet HTML 436Page - Renesas Technology Corp H8S/2112 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 409 of 866
REJ09B0451-0100
14.7
Smart Card Interface Description
The SCI supports the IC card (smart card) interface based on the ISO/IEC 7816-3 (Identification
Card) standard as an enhanced serial communication interface function. Smart card interface mode
can be selected using the appropriate register.
14.7.1
Sample Connection
Figure 14.21 shows a sample connection between the smart card and this LSI. As in the figure,
since this LSI communicates with the IC card using a single transmission line, interconnect the
TxD and RxD pins and pull up the data transmission line to VCC using a resistor. Setting the RE
and TE bits in SCR to 1 with the IC card not connected enables closed transmission/reception
allowing self diagnosis. To supply the IC card with the clock pulses generated by the SCI, input
the SCK pin output to the CLK pin of the IC card. A reset signal can be supplied via the output
port of this LSI.
TxD
RxD
This LSI
VCC
I/O
Main unit of the device
to be connected
IC card
Data line
CLK
RST
SCK
Rx (port)
Clock line
Reset line
Figure 14.21 Pin Connection for Smart Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com