Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 436 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 432Page - Renesas Technology Corp H8S/2112 Datasheet HTML 433Page - Renesas Technology Corp H8S/2112 Datasheet HTML 434Page - Renesas Technology Corp H8S/2112 Datasheet HTML 435Page - Renesas Technology Corp H8S/2112 Datasheet HTML 436Page - Renesas Technology Corp H8S/2112 Datasheet HTML 437Page - Renesas Technology Corp H8S/2112 Datasheet HTML 438Page - Renesas Technology Corp H8S/2112 Datasheet HTML 439Page - Renesas Technology Corp H8S/2112 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 412 of 866
REJ09B0451-0100
14.7.4
Receive Data Sampling Timing and Reception Margin
Only the internal clock generated by the internal baud rate generator can be used as a
communication clock in smart card interface mode. In this mode, the SCI can operate using a
basic clock with a frequency of 32, 64, 372, or 256 times the bit rate according to the BCP1 and
BCP0 settings (the frequency is always 16 times the bit rate in normal asynchronous mode). At
reception, the falling edge of the start bit is sampled using the internal basic clock in order to
perform internal synchronization. Receive data is sampled at the 16th, 32nd, 186th and 128th
rising edges of the basic clock pulses so that it can be latched at the center of each bit as shown in
figure 14.25. The reception margin here is determined by the following formula.
M =
 (0.5 –
) – (L – 0.5) F –
(1 + F)
 × 100 [%] ... Formula (1)
2N
1
N
 D – 0.5 
M: Reception margin (%)
N: Ratio of bit rate to clock (N = 32, 64, 372, 256)
D: Clock duty (D = 0 to 1.0)
L: Frame length (L = 10)
F: Absolute value of clock rate deviation
Assuming values of F = 0, D = 0.5, and N = 372 in formula (1), the reception margin is
determined by the formula below.
M = (0.5 – 1 / 2
× 372) × 100 [%] = 49.866%
Internal
basic clock
372 clock cycles
186 clock
cycles
Receive data
(RxD)
Synchronization
sampling timing
D0
D1
Data sampling
timing
185
371 0
371
185
0
0
Start bit
Figure 14.25 Receive Data Sampling Timing in Smart Card Interface Mode
(When Clock Frequency is 372 Times the Bit Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com