Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 493 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 489Page - Renesas Technology Corp H8S/2112 Datasheet HTML 490Page - Renesas Technology Corp H8S/2112 Datasheet HTML 491Page - Renesas Technology Corp H8S/2112 Datasheet HTML 492Page - Renesas Technology Corp H8S/2112 Datasheet HTML 493Page - Renesas Technology Corp H8S/2112 Datasheet HTML 494Page - Renesas Technology Corp H8S/2112 Datasheet HTML 495Page - Renesas Technology Corp H8S/2112 Datasheet HTML 496Page - Renesas Technology Corp H8S/2112 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 469 of 866
REJ09B0451-0100
16.3
Register Descriptions
The I
2C bus interface has the following registers. Registers ICDR and SARX and registers ICMR
and SAR are allocated to the same addresses. Accessible registers differ depending on the ICE bit
in ICCR. When the ICE bit is cleared to 0, SAR and SARX can be accessed, and when the ICE bit
is set to 1, ICMR and ICDR can be accessed. For details on the serial timer control register, see
section 3.2.3, Serial Timer Control Register (STCR).
Table 16.2
Register Configuration
Channel
Register Name
Abbreviation R/W
Initial
Value Address
Data Bus
Width
I
2C bus extended control register_0
ICXR_0
R/W H'00
H'FED4
8
I
2C bus control register_0
ICCR_0
R/W H'01
H'FFD8
8
I
2C bus status register_0
ICSR_0
R/W H'00
H'FFD9
8
I
2C bus data register_0
ICDR_0
R/W
H'FFDE
8
Second slave address register_0
SARX_0
R/W H'01
H'FFDE
8
I
2C bus mode register_0
ICMR_0
R/W H'00
H'FFDF
8
Slave address register_0
SAR_0
R/W H'00
H'FFDF
8
Channel 0
I
2C bus control initialization
register_0
ICRES_0
R/W H'0F
H'FEE6
8
I
2C bus extended control register_2
ICXR_2
R/W H'00
H'FE8C
8
I
2C bus control register_2
ICCR_2
R/W H'01
H'FE88
8
I
2C bus status register_2
ICSR_2
R/W H'00
H'FE89
8
I
2C bus data register_2
ICDR_2
R/W
H'FE8E
8
Second slave address register_2
SARX_2
R/W H'01
H'FE8E
8
I
2C bus mode register_2
ICMR_2
R/W H'00
H'FE8F
8
Slave address register_2
SAR_2
R/W H'00
H'FE8F
8
Channel 2
I
2C bus control initialization
register_2
ICRES_2
R/W H'0F
H'FE8A
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com