Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 490 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 486Page - Renesas Technology Corp H8S/2112 Datasheet HTML 487Page - Renesas Technology Corp H8S/2112 Datasheet HTML 488Page - Renesas Technology Corp H8S/2112 Datasheet HTML 489Page - Renesas Technology Corp H8S/2112 Datasheet HTML 490Page - Renesas Technology Corp H8S/2112 Datasheet HTML 491Page - Renesas Technology Corp H8S/2112 Datasheet HTML 492Page - Renesas Technology Corp H8S/2112 Datasheet HTML 493Page - Renesas Technology Corp H8S/2112 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 466 of 866
REJ09B0451-0100
• Direct bus drive (SCL/SDA pin)
 Ten pins—P52/SCL0, P97/SDA0, PG0/SDAA, PG 1/SCLA, PG2/SDAB, PG3/SCLB,
PG4/SDAC, PG5/SCLC, PG6/SDAD, and PG7/SCLD —(normally NMOS push-pull
outputs) function as NMOS open-drain outputs when the bus drive function is selected.
Note:
When using this IIC module, make sure to set bits HNDS, FNC1, and FNC0 in ICXR to 1
in the initial settings. If other settings are made, restrictions on operation that are not
covered in this manual will apply.
Figure 16.1 shows a block diagram of the I
2C bus interface. Figure 16.2 shows an example of I/O
pin connections to external circuits. Since I
2C bus interface I/O pins are different in structure from
normal port pins, they have different specifications for permissible applied voltages. For details,
see section 26, Electrical Characteristics.
φ
SCL
SCLA
SCLB
PS
Noise
canceler
Bus state
decision
circuit
Arbitration
decision
circuit
Output data
control
circuit
ICCR
Clock
control
ICXR
ICMR
ICSR
ICDRS
Address
comparator
SAR, SARX
Noise
canceler
Interrupt
generator
Interrupt
request
ICDRR
ICDRT
[Legend]
ICCR:
ICMR:
ICSR:
ICDR:
ICXR:
SAR:
SARX:
PS:
Note : * An input/output pin can be selected among four pins (IIC_2).
I2C bus control register
I2C bus mode register
I2C bus status register
I2C bus data register
I2C bus extended control register
Slave address register
Slave address register X
Prescaler
*
SCLC
SCLD
*
*
*
SDA
SDAA
SDAB
*
SDAC
SDAD
*
*
*
Figure 16.1 Block Diagram of I
2C Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com