Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 498 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 494Page - Renesas Technology Corp H8S/2112 Datasheet HTML 495Page - Renesas Technology Corp H8S/2112 Datasheet HTML 496Page - Renesas Technology Corp H8S/2112 Datasheet HTML 497Page - Renesas Technology Corp H8S/2112 Datasheet HTML 498Page - Renesas Technology Corp H8S/2112 Datasheet HTML 499Page - Renesas Technology Corp H8S/2112 Datasheet HTML 500Page - Renesas Technology Corp H8S/2112 Datasheet HTML 501Page - Renesas Technology Corp H8S/2112 Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 474 of 866
REJ09B0451-0100
16.3.4
I
2C Bus Mode Register (ICMR)
ICMR sets the communication format and transfer rate. It can only be accessed when the ICE bit
in ICCR is set to 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
WAIT
0
R/W
Wait Insertion Bit
This bit is valid only in master mode with the I
2C bus
format.
0: Data and the acknowledge bit are transferred
consecutively with no wait inserted.
1: After the fall of the clock for the final data bit (8
th
clock), the IRIC flag is set to 1 in ICCR, and a wait
state begins (with SCL at the low level). When the
IRIC flag is cleared to 0 in ICCR, the wait ends and
the acknowledge bit is transferred.
For details, see section 16.4.7, IRIC Setting Timing and
SCL Control.
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Transfer Clock Select 2 to 0
These bits are used only in master mode.
These bits select the required transfer rate, together
with the IICX2 (IIC_2) and IICX0 (IIC_0) bits in STCR.
See table 16.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com