Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 502 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 498Page - Renesas Technology Corp H8S/2112 Datasheet HTML 499Page - Renesas Technology Corp H8S/2112 Datasheet HTML 500Page - Renesas Technology Corp H8S/2112 Datasheet HTML 501Page - Renesas Technology Corp H8S/2112 Datasheet HTML 502Page - Renesas Technology Corp H8S/2112 Datasheet HTML 503Page - Renesas Technology Corp H8S/2112 Datasheet HTML 504Page - Renesas Technology Corp H8S/2112 Datasheet HTML 505Page - Renesas Technology Corp H8S/2112 Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 478 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
4
MST
TRS
0
0
R/W
R/W
[MST clearing conditions]
1. When 0 is written by software
2. When lost in bus contention in I
2C bus format
master mode
[MST setting conditions]
1. When 1 is written by software (for MST clearing
condition 1)
2. When 1 is written in MST after reading MST = 0 (for
MST clearing condition 2)
[TRS clearing conditions]
1. When 0 is written by software (except for TRS
setting condition 3)
2. When 0 is written in TRS after reading TRS = 1 (for
TRS setting condition 3)
3. When lost in bus contention in I
2C bus format
master mode
[TRS setting conditions]
1. When 1 is written by software (except for TRS
clearing condition 3)
2. When 1 is written in TRS after reading TRS = 0 (for
TRS clearing condition 3)
3. When 1 is received as the R/
W bit after the first
frame address matching in I
2C bus format slave
mode
3
ACKE
0
R/W
Acknowledge Bit Decision and Selection
0: The value of the acknowledge bit is ignored, and
continuous transfer is performed. The value of the
received acknowledge bit is not indicated by the
ACKB bit in ICSR, which is always 0.
1: If the received acknowledge bit is 1, continuous
transfer is halted.
Depending on the receiving device, the acknowledge
bit may be significant, in indicating completion of
processing of the received data, for instance, or may
be fixed at 1 and have no significance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com