Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 504 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 500Page - Renesas Technology Corp H8S/2112 Datasheet HTML 501Page - Renesas Technology Corp H8S/2112 Datasheet HTML 502Page - Renesas Technology Corp H8S/2112 Datasheet HTML 503Page - Renesas Technology Corp H8S/2112 Datasheet HTML 504Page - Renesas Technology Corp H8S/2112 Datasheet HTML 505Page - Renesas Technology Corp H8S/2112 Datasheet HTML 506Page - Renesas Technology Corp H8S/2112 Datasheet HTML 507Page - Renesas Technology Corp H8S/2112 Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 480 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
IRIC
0
R/(W)* I
2C Bus Interface Interrupt Request Flag
Indicates that the I
2C bus interface has issued an
interrupt request to the CPU.
IRIC is set at different times depending on the FS bit in
SAR, the FSX bit in SARX, and the WAIT bit in ICMR.
See section 16.4.7, IRIC Setting Timing and SCL
Control. The conditions under which IRIC is set also
differ depending on the setting of the ACKE bit in
ICCR.
[Setting conditions]
• All operating modes:
1. When a start condition is detected in transmit mode
and the ICDRE flag is set to 1
2. When data is transferred from ICDRT to ICDRS in
transmit mode and the ICDRE flag is set to 1
3. When data is transferred from ICDRS to ICDRR in
receive mode and the ICDRF flag is set to 1
4. If 1 is received as the acknowledge bit (when the
ACKE bit is 1 in transmit mode) at the completion of
data transmission
• I2C bus format master mode:
1. When a wait is inserted between the data and
acknowledge bit when the WAIT bit is 1
2. When the AL flag is set to 1 after bus arbitration is
lost while the ALIE bit is 1
• I2C bus format slave mode:
1. When the slave address (SVA or SVAX) matches
after the reception of the first frame following the
start condition and the AAS flag or AASX flag is set
to 1
2. When the general call address is detected after the
reception of the first frame following the start
condition and the ADZ flag is set to 1 (the FS bit in
SAR is 0)
3. When a stop condition is detected (when the STOP
or ESTP flag is set to 1) while the STOPIM bit is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com