Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 102 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 98Page - Renesas Technology Corp H8S/2112 Datasheet HTML 99Page - Renesas Technology Corp H8S/2112 Datasheet HTML 100Page - Renesas Technology Corp H8S/2112 Datasheet HTML 101Page - Renesas Technology Corp H8S/2112 Datasheet HTML 102Page - Renesas Technology Corp H8S/2112 Datasheet HTML 103Page - Renesas Technology Corp H8S/2112 Datasheet HTML 104Page - Renesas Technology Corp H8S/2112 Datasheet HTML 105Page - Renesas Technology Corp H8S/2112 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 894 page
background image
Section 4 Resets
Rev. 1.00 Mar. 18, 2008 Page 78 of 866
REJ09B0451-0100
4.3.2
System Control Register (SYSCR)
SYSCR monitors a reset source, selects the interrupt control mode and the detection edge for
NMI, enables or disables access to the on-chip peripheral module registers, and enables or disables
the on-chip RAM address space.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
0
R/W
Reserved
The initial value should not be changed.
5
4
INTM1
INTM0
0
0
R
R/W
Interrupt Control Select Mode 1 and 0
These bits select the interrupt control mode of the interrupt
controller. For details on the interrupt control modes, see
section 6.6, Interrupt Control Modes and Interrupt Operation.
00: Interrupt control mode 0
01: Interrupt control mode 1
10: Setting prohibited
11: Setting prohibited
3
XRST
1
R
Reset Source
Indicates the reset source. A reset is caused by a pin reset,
power-on reset or when the watchdog timer overflows.
0: A reset is caused when the watchdog timer overflows
1: A reset is caused by a pin and the power-on.
2
NMIEG
0
R/W
NMI Edge Select
Selects the valid edge of the NMI interrupt input.
0: An interrupt is requested at the falling edge of NMI input
1: An interrupt is requested at the rising edge of NMI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com