Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 103 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 99Page - Renesas Technology Corp H8S/2112 Datasheet HTML 100Page - Renesas Technology Corp H8S/2112 Datasheet HTML 101Page - Renesas Technology Corp H8S/2112 Datasheet HTML 102Page - Renesas Technology Corp H8S/2112 Datasheet HTML 103Page - Renesas Technology Corp H8S/2112 Datasheet HTML 104Page - Renesas Technology Corp H8S/2112 Datasheet HTML 105Page - Renesas Technology Corp H8S/2112 Datasheet HTML 106Page - Renesas Technology Corp H8S/2112 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 894 page
background image
Section 4 Resets
Rev. 1.00 Mar. 18, 2008 Page 79 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
KINWUE
0
R/W
Keyboard Control Register Access Enable
When the RELOCATE bit is cleared to 0, this bit enables or
disables CPU access for the keyboard matrix interrupt
registers (KMIMRA and KMIMR), pull-up MOS control register
(KMPCR), and registers (TCR_X/TCR_Y, TCSR_X/TCSR_Y,
TICRR/TCORA_Y, TICRF/TCORB_Y, TCNT_X/TCNT_Y,
TCORC, TCORA_X, TCORB_X, TCONRI, and TCONRS) of
8-bit timers (TMR_X and TMR_Y)
0: Enables CPU access for registers of TMR_X and TMR_Y
in areas from H'(FF)FFF0 to H'(FF)FFF7 and from
H'(FF)FFFC to H'(FF)FFFF
1: Enables CPU access for the keyboard matrix interrupt
registers and input pull-up MOS control register in areas
from H'(FF)FFF0 to H'(FF)FFF7 and from H'(FF)FFFC to
H'(FF)FFFF
When the RELOCATE bit is set to 1, this bit is disabled.
For details, see section 3.2.4, System Control Register 3
(SYSCR3) and section 25, List of Registers.
0
RAME
1
R/W
RAM Enable
Enables or disables on-chip RAM.
0: On-chip RAM is disabled
1: On-chip RAM is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com