Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 107 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 103Page - Renesas Technology Corp H8S/2112 Datasheet HTML 104Page - Renesas Technology Corp H8S/2112 Datasheet HTML 105Page - Renesas Technology Corp H8S/2112 Datasheet HTML 106Page - Renesas Technology Corp H8S/2112 Datasheet HTML 107Page - Renesas Technology Corp H8S/2112 Datasheet HTML 108Page - Renesas Technology Corp H8S/2112 Datasheet HTML 109Page - Renesas Technology Corp H8S/2112 Datasheet HTML 110Page - Renesas Technology Corp H8S/2112 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 894 page
background image
Section 4 Resets
Rev. 1.00 Mar. 18, 2008 Page 83 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Selects the clock source to be input to TCNT. The overflow
frequency for
φ = 20 MHz and φSUB = 32.768 kHz is
enclosed in parentheses.
When PSS = 0
000:
φ/2 (frequency: 25.6 µs)
001:
φ/64 (frequency: 819.2 µs)
010:
φ/128 (frequency: 1.6 µs)
011:
φ/512 (frequency: 6.6 µs)
100:
φ/2048 (frequency: 26.2 µs)
101:
φ/8192 (frequency: 104.9 µs)
110:
φ/32768 (frequency: 419.4 µs)
111:
φ/131072 (frequency: 1.68 s)
When PSS = 1
000:
φSUB/2 (frequency: 16.5ms)
001:
φSUB/4 (frequency: 31.3ms)
010:
φSUB/8 (frequency: 62.5ms)
011:
φSUB/16 (frequency: 125ms)
100:
φSUB/32 (frequency: 250ms)
101:
φSUB/64 (frequency: 500ms)
110:
φSUB/128 (frequency: 1s)
111:
φSUB/256 (frequency: 2s)
Note:
1. Only 0 can be written to clear the flag.
2. When OVF is polled with the interval timer interrupt disabled, OVF = 1 must be read
at least twice.
4.4
Pin Reset
This is a reset generated by the
RES pin.
When the
RES pin is driven low, all the processing in progress is aborted and the LSI enters a
reset state. In order to firmly reset the LSI by pin reset, the
RES pin should be held low at least for
20 ms at a power-on. When a reset is input during operation, the
RES pin should be held low at
least for 20 states. Resetting the LSI initializes the internal state of the CPU and the registers of the
on-chip peripheral modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com