Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 119 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 115Page - Renesas Technology Corp H8S/2112 Datasheet HTML 116Page - Renesas Technology Corp H8S/2112 Datasheet HTML 117Page - Renesas Technology Corp H8S/2112 Datasheet HTML 118Page - Renesas Technology Corp H8S/2112 Datasheet HTML 119Page - Renesas Technology Corp H8S/2112 Datasheet HTML 120Page - Renesas Technology Corp H8S/2112 Datasheet HTML 121Page - Renesas Technology Corp H8S/2112 Datasheet HTML 122Page - Renesas Technology Corp H8S/2112 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 894 page
background image
Section 5 Exception Handling
Rev. 1.00 Mar. 18, 2008 Page 95 of 866
REJ09B0451-0100
5.7
Usage Note
When accessing word data or longword data, this LSI assumes that the lowest address bit is 0. The
stack should always be accessed in words or longwords, and the value of the stack pointer (SP:
ER7) should always be kept even.
Use the following instructions to save registers:
PUSH.W
Rn
(or MOV.W Rn, @-SP)
PUSH.L
ERn
(or MOV.L ERn, @-SP)
Use the following instructions to restore registers:
POP.W
Rn
(or MOV.W @SP+, Rn)
POP.L
ERn
(or MOV.L @SP+, ERn)
Setting SP to an odd value may lead to a malfunction. Figure 5.3 shows an example of what
occurs when the SP value is odd.
SP
H'FFEFFA
H'FFEFFB
H'FFEFFC
H'FFEFFD
H'FFEFFF
R1L
PC
CCR
PC
SP
SP
CCR:
PC:
R1L:
SP:
Condition code register
Program counter
General register R1L
Stack pointer
TRAPA instruction executed
SP set to H'FFEFFF
Data saved above SP
MOV.B R1L, @-ER7
Contents of CCR lost
[Legend]
Note: This diagram illustrates an example in which interrupt control mode is 0.
Figure 5.3 Operation when SP Value Is Odd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com