Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 121 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 117Page - Renesas Technology Corp H8S/2112 Datasheet HTML 118Page - Renesas Technology Corp H8S/2112 Datasheet HTML 119Page - Renesas Technology Corp H8S/2112 Datasheet HTML 120Page - Renesas Technology Corp H8S/2112 Datasheet HTML 121Page - Renesas Technology Corp H8S/2112 Datasheet HTML 122Page - Renesas Technology Corp H8S/2112 Datasheet HTML 123Page - Renesas Technology Corp H8S/2112 Datasheet HTML 124Page - Renesas Technology Corp H8S/2112 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 97 of 866
REJ09B0451-0100
Section 6 Interrupt Controller
6.1
Features
• Two interrupt control modes
Two interrupt control modes can be set by means of the INTM1 and INTM0 bits in the system
control register (SYSCR).
• Priorities settable with ICR
An interrupt control register (ICR) is provided for setting in each module interrupt priority
levels for all interrupt requests excluding NMI and address breaks.
• Three-level interrupt mask control
By means of the interrupt control mode, I and UI bits in CCR and ICR, 3-level interrupt mask
control is performed.
• Forty-nine external interrupt pins
NMI is the highest-priority interrupt, and is accepted at all times. Rising edge or falling edge
detection can be selected for NMI. Falling-edge, rising-edge, or both-edge detection, or level
sensing, can be independently selected for
IRQ15 to IRQ0. Either of falling-edge or rising-
edge detection can be independently selected for
WUE15 to WUE0. When the EIVS bit in the
system control register 3 (SYSCR3) is cleared to 0, the IRQ6 interrupt is generated by
IRQ6 or
KIN7 to KIN0. The IRQ7 interrupt is generated by IRQ7 or KIN15 to KIN8. When the EIVS
bit is set to 1, interrupts are requested on the falling edge of
KIN15 to KIN0.
• Two interrupt vector addresses are selectable
H8S/2140B Group compatible interrupt vector addresses or extended interrupt vector
addresses are selected depending on the EIVS bit in system control register 3 (SYSCR3). In
extended mode, independent vector addresses are assigned for the interrupt vector addresses of
KIN7 to KIN0 or KIN15 to KIN8 interrupts.
• General ports for IRQ15 to IRQ6 and ExIRQ15 to ExIRQ06 input are selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com