Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 127 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 123Page - Renesas Technology Corp H8S/2112 Datasheet HTML 124Page - Renesas Technology Corp H8S/2112 Datasheet HTML 125Page - Renesas Technology Corp H8S/2112 Datasheet HTML 126Page - Renesas Technology Corp H8S/2112 Datasheet HTML 127Page - Renesas Technology Corp H8S/2112 Datasheet HTML 128Page - Renesas Technology Corp H8S/2112 Datasheet HTML 129Page - Renesas Technology Corp H8S/2112 Datasheet HTML 130Page - Renesas Technology Corp H8S/2112 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 103 of 866
REJ09B0451-0100
6.3.2
Address Break Control Register (ABRKCR)
ABRKCR controls the address breaks. When both the CMF flag and BIE bit are set to 1, an
address break is requested.
Bit
Bit Name
Initial Value
R/W Description
7
CMF
Undefined
R
Condition Match Flag
Address break source flag. Indicates that an address
specified by BARA to BARC is prefetched.
[Clearing condition]
When an exception handling is executed for an address
break interrupt.
[Setting condition]
When an address specified by BARA to BARC is
prefetched while the BIE bit is set to 1.
6 to 1 —
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
0
BIE
0
R/W Break Interrupt Enable
Enables or disables address break.
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com