Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 124 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 120Page - Renesas Technology Corp H8S/2112 Datasheet HTML 121Page - Renesas Technology Corp H8S/2112 Datasheet HTML 122Page - Renesas Technology Corp H8S/2112 Datasheet HTML 123Page - Renesas Technology Corp H8S/2112 Datasheet HTML 124Page - Renesas Technology Corp H8S/2112 Datasheet HTML 125Page - Renesas Technology Corp H8S/2112 Datasheet HTML 126Page - Renesas Technology Corp H8S/2112 Datasheet HTML 127Page - Renesas Technology Corp H8S/2112 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 100 of 866
REJ09B0451-0100
6.3
Register Descriptions
The interrupt controller has the following registers. For details on the system control register
(SYSCR), see section 3.2.2, System Control Register (SYSCR). For details on system control
register 3 (SYSCR3), see section 3.2.4, System Control Register 3 (SYSCR3).
Table 6.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value Address
Data Bus
Width
Interrupt control registers A
ICRA
R/W
H'00
H'FEE8
8
Interrupt control registers B
ICRB
R/W
H'00
H'FEE9
8
Interrupt control registers C
ICRC
R/W
H'00
H'FEEA
8
Interrupt control registers D
ICRD
R/W
H'00
H'FE87
8
Address break control register
ABRKCR
R/W
H'FEF4
8
Break address registers A
BARA
R/W
H'00
H'FEF5
8
Break address registers B
BARB
R/W
H'00
H'FEF6
8
Break address registers C
BARC
R/W
H'00
H'FEF7
8
IRQ sense control register 16H
ISCR16H
R/W
H'00
H'FEFA
8
IRQ sense control register 16L
ISCR16L
R/W
H'00
H'FEFB
8
IRQ sense control register H
ISCRH
R/W
H'00
H'FEEC
8
IRQ sense control register L
ISCRL
R/W
H'00
H'FEED
8
IRQ enable register 16
IER16
R/W
H'00
H'FEF8
8
IRQ enable register
IER
R/W
H'00
H'FFC2
8
IRQ status register 16
ISR16
R/W
H'00
H'FEF9
8
IRQ status register
ISR
R/W
H'00
H'FEEB
8
IRQ sense port select register 16
ISSR16
R/W
H'00
H'FEFC
8
IRQ sense port select register
ISSR
R/W
H'00
H'FEFD
8
H'FFF3
Keyboard matrix interrupt mask
register A
KMIMRA
R/W
H'FF
H'FE83*
1
8
H'BF
H'FFF1
Keyboard matrix interrupt mask
register B
KMIMRB
R/W
H'FF*
2
H'FE81*
1
8
Wake-up event interrupt mask
register A
WUEMRA
R/W
H'FF
H'FE45
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com