Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 136 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 132Page - Renesas Technology Corp H8S/2112 Datasheet HTML 133Page - Renesas Technology Corp H8S/2112 Datasheet HTML 134Page - Renesas Technology Corp H8S/2112 Datasheet HTML 135Page - Renesas Technology Corp H8S/2112 Datasheet HTML 136Page - Renesas Technology Corp H8S/2112 Datasheet HTML 137Page - Renesas Technology Corp H8S/2112 Datasheet HTML 138Page - Renesas Technology Corp H8S/2112 Datasheet HTML 139Page - Renesas Technology Corp H8S/2112 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 112 of 866
REJ09B0451-0100
6.3.8
Keyboard Matrix Interrupt Mask Registers (KMIMRA, KMIMRB)
Wake-up Event Interrupt Mask Registers (WUEMRA, WUEMRB)
The KMIMR and WUEMR registers enable or disable key-sensing interrupt inputs (
KIN15 to
KIN0) and wake-up event interrupt inputs (WUE15 to WUE0).
• KMIMRA
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
KMIMR15
KMIMR14
KMIMR13
KMIMR12
KMIMR11
KMIMR10
KMIMR9
KMIMR8
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Keyboard Matrix Interrupt Mask
These bits enable or disable a key-sensing input
interrupt request (KIN15 to KIN8).
0: Enables a key-sensing input interrupt request
1: Disables a key-sensing input interrupt request
• KMIMRB
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
KMIMR7
KMIMR6
KMIMR5
KMIMR4
KMIMR3
KMIMR2
KMIMR1
KMIMR0
1
0/1*
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Keyboard Matrix Interrupt Mask
These bits enable or disable a key-sensing input
interrupt request (KIN7 to KIN0).
0: Enables a key-sensing input interrupt request
1: Disables a key-sensing input interrupt request
When the EIVS bit in SYSCR3 is cleared to 0, the
KMIMR6 bit also simultaneously controls enabling
and disabling of the IRQ6 interrupt request. When
the EIVS bit is cleared to 0, the KMIMR6 bit
becomes 0.
Note:
*
The initial value is 0 when EIVS = 0 and the initial value is 1 when EIVS EIVS = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com