Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 138 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 134Page - Renesas Technology Corp H8S/2112 Datasheet HTML 135Page - Renesas Technology Corp H8S/2112 Datasheet HTML 136Page - Renesas Technology Corp H8S/2112 Datasheet HTML 137Page - Renesas Technology Corp H8S/2112 Datasheet HTML 138Page - Renesas Technology Corp H8S/2112 Datasheet HTML 139Page - Renesas Technology Corp H8S/2112 Datasheet HTML 140Page - Renesas Technology Corp H8S/2112 Datasheet HTML 141Page - Renesas Technology Corp H8S/2112 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 894 page
background image
Section 6 Interrupt Controller
Rev. 1.00 Mar. 18, 2008 Page 114 of 866
REJ09B0451-0100
Figure 6.2 shows the relation between the IRQ7 and IRQ6 interrupts, KMIMRA and KMIMRB in
H8S/2140B Group compatible vector mode. The relation in extended vector mode is shown in
figure 6.3.
KMIMR0 (Initial value of 1)
KMIMR5 (Initial value of 1)
KMIMR6 (Initial value of 0)
KMIMR7 (Initial value of 1)
P60/
KIN0
P65/
KIN5
P66/
KIN6/IRQ6
P67/
KIN7/IRQ7
KMIMR8 (Initial value of 1)
PA0/
KIN8
KMIMR9 (Initial value of 1)
PA1/
KIN9
KMIMR15 (Initial value of 1)
PA7/
KIN15
IRQ6 interrupt
IRQ7 interrupt
IRQ6 internal
signal
Edge-level selection
enable/disable
circuit
PH1/
ExIRQ7
ISS7
IRQ7 internal
signal
Edge-level selection
enable/disable
circuit
Note: The ISS7 bit is an external interrupt pin switch bit. For details, see section 6.3.7,
IRQ Sense Port Select Register 16 (ISSR16) IRQ Sense Port Select Register (ISSR).
Figure 6.2 Relation between IRQ7/IRQ6 Interrupts and KIN15 to KIN0 Interrupts,
KMIMRA, and KMIMRB
(H8S/2140B Group Compatible Vector Mode: EIVS = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com